Part Number Hot Search : 
AN158 TMP95C 24ACP 5STRR 8C240 SLA5038 1H222 CP273
Product Description
Full Text Search
 

To Download EE-SX1025 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
Back
Opto-Switch
Transmissive
Phototransistor output. 5.4-mm-tall low profile model. PCB mounting type. High resolution with a 0.5-mm-wide aperture. 2.8mm slot width. Off-centre location pip for correct orientation.
EE-SX1025
Dimensions
0.2 max. 0.2 max.
Internal Circuit
K C
Four, 5 White band Optical axis
A 0.50.05
E
Terminal No. A K C E
Name Anode Cathode Collector Emitter
Unless otherwise specified, the tolerances are as shown below. Dimensions Tolerance 0.3 0.375 0.45 0.55 0.65
5.40.2
2.20.4 Four, 0.5 Four, 0.25 Cross section AA
3 mm max. 3 t mm v 6 6 t mm v 10 10 t mm v 18 18 t mm v 30
Specifications
Absolute Maximum Ratings (Ta = 25C)
Item Emitter Forward current Pulse forward current Reverse voltage Detector Collector-Emitter voltage Emitter-Collector voltage Collector current Collector dissipation Ambient temperature Operating Storage Soldering Note: IF IFP VR VCEO VECO IC PC Topr Tstg Tsol Symbol Rated value 50 mA (see note 1) 1 A (see note 2) 4V 30 V --20 mA 100 mW (see note 1) -25C to 85C -30C to 100C 260C
1.Refer to the temperature rating chart if the ambient temperature exceeds 25C. 2.The pulse width is 10 s maximum with a frequency of 100 Hz.
Electrical and Optical Characteristics (Ta = 25C)
Item Emitter Forward voltage Reverse current Peak emission wavelength Detector Light current Dark current Leakage current Collector-Emitter saturated voltage Peak spectral sensitivity wavelength Rising time Falling time IR P IL ID ILEAK VCE (sat) P tr tf Symbol VF Value 1.2 V typ., 1.5 V max. 0.01 A typ., 10 A max. 940 nm typ. 0.5 mA min., 14 mA max. 2 nA typ., 200 nA max. --0.1 V typ., 0.4 V max. 850 nm typ. 4 s typ. 4 s typ. IF = 30 mA VR = 4 V IF = 20 mA IF = 20 mA, VCE = 10 V VCE = 10 V, 0 x --IF = 20 mA, IL = 0.1 mA VCE = 10 V VCC = 5 V, RL = 100 , IL = 5 mA VCC = 5 V, RL = 100 , IL = 5 mA Condition
Engineering Data
Forward Current vs. Collector Dissipation Temperature Rating
Collector dissipation Pc (mW)
IF
Forward Current vs. Forward Voltage Characteristics (Typical)
Light Current vs. Forward Current Characteristics (Typical)
Ta = 25C VCE = 10 V
Forward current I F (mA)
Forward current I F (mA)
Ta = -30C Ta = 25C Ta = 70C
PC
Ambient temperature Ta (C)
Forward voltage VF (V)
Light current I L (mA)
Forward current IF (mA)
Light Current vs. Collector-Emitter Voltage Characteristics (Typical)
Ta = 25C
Relative Light Current vs. Ambient Temperature Characteristics (Typical)
IF = 20 mA VCE = 5 V
Dark Current vs. Ambient Temperature Characteristics (Typical)
VCE = 10 V 0x
Relative light current I L (%)
Light current I L (mA)
IF = 50 mA IF = 40 mA IF = 30 mA IF = 20 mA IF = 10 mA
Dark current I D (nA)
Collector-Emitter voltage VCE (V)
Ambient temperature Ta (C)
Ambient temperature Ta (C)
Response Time vs. Load Resistance Characteristics (Typical)
Vcc = 5 V Ta = 25C
Sensing Position Characteristics (Typical)
Relative light current I L (%)
IF = 20 mA VCE = 10 V Ta = 25C (Center of optical axis)
Response Time Measurement Circuit
Input 90 % 10 %
Response time tr, tf ( s)
Output
Input
Output
Load resistance RL (k)
Distance d (mm)


▲Up To Search▲   

 
Price & Availability of EE-SX1025

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X